Part Number Hot Search : 
D2N220DG SMAJ60CA C2188 28F10 C1454 1N4728A ISL85 DA121TT1
Product Description
Full Text Search
 

To Download NL27WZ0407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NL27WZ04 Dual Inverter
The NL27WZ04 is a high performance dual inverter operating from a 1.65 V to 5.5 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance.
Features http://onsemi.com MARKING DIAGRAMS
6 SC-88/SC70-6/SOT-363 DF SUFFIX CASE 419B 1 M5 M G G M
* * * * * * * * * *
Extremely High Speed: tPD 2.0 ns (typical) at VCC = 5 V Designed for 1.65 V to 5.5 V VCC Operation Over Voltage Tolerant Inputs and Outputs LVTTL Compatible - Interface Capability with 5 V TTL Logic with VCC = 3 V LVCMOS Compatible 24 mA Balanced Output Sink and Source Capability Near Zero Static Supply Current Substantially Reduces System Power Requirements Replacement for NC7W04 Chip Complexity: FET = 72; Equivalent Gate = 18 Pb-Free Packages are Available
1
TSOP-6 DT SUFFIX CASE 318G 1 1
M5 M G G
M5 M G
= Device Code = Date Code* = Pb-Free Package
IN A1
1
6
OUT Y1
(Note: Microdot may be in either location) *Date Code orientation and/or position and underbar may vary depending upon manufacturing location.
GND
2
5
VCC
PIN ASSIGNMENT
IN A2 3 4 OUT Y2 1 2 3 4 5 6 IN A1 GND IN A2 OUT Y2 VCC OUT Y1
Figure 1. Pinout (Top View)
IN A1 IN A2
1 1
OUT Y1 OUT Y2
FUNCTION TABLE
A Input L H Y Output H L
Figure 2. Logic Symbol
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2007
1
February, 2007 - Rev.6
Publication Order Number: NL27WZ04/D
NL27WZ04
MAXIMUM RATINGS
Characteristics DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source/Sink Current DC Supply Current Per Supply Pin DC Ground Current Per Ground Pin Storage Temperature Range Power Dissipation in Still Air Thermal Resistance Lead temperature, 1 mm from Case for 10 Seconds Junction Temperature Under Bias ESD Withstand Voltage Human Body Model (Note 3) Machine Model (Note 4) Charged Device Model (Note 5) SC-88, TSOP-6 (Note 2) SC-88, TSOP-6 (Note 2) Output in HIGH or LOW State (Note 1) VI < GND VO < GND Symbol VCC VI VO IIK IOK IO ICC IGND TSTG PD qJA TL TJ VESD Value -0.5 to +7.0 -0.5 VI +7.0 -0.5 VO 7.0 -50 -50 50 100 100 -65 to +150 200 333 260 +150 > 2000 > 200 N/A Unit V V V mA mA mA mA mA C mW C/W C C V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. IO absolute maximum rating must be observed. 2. Measured with minimum pad spacing on an FR4 board, using 10 mm-by-1 inch, 2-ounce copper trace with no air flow. 3. Tested to EIA/JESD22-A114-A 4. Tested to EIA/JESD22-A115-A 5. Tested to JESD22-C101-A
RECOMMENDED OPERATING CONDITIONS
Parameter Supply Voltage Input Voltage Output Voltage Operating Free-Air Temperature Input Transition Rise or Fall Rate VCC = 2.5 V 0.2 V VCC =3.0 V 0.3 V VCC =5.0 V 0.5 V (HIGH or LOW State) Operating Data Retention Only Symbol VCC VI VO TA Dt/DV Min 1.65 1.5 0 0 -40 0 0 0 Max 5.5 5.5 5.5 5.5 +85 20 10 5 Unit V V V C ns/V
http://onsemi.com
2
NL27WZ04
DC ELECTRICAL CHARACTERISTICS
VCC Parameter High-Level Input Voltage Condition Symbol VIH (V) 1.65-1.95 2.3 to 5.5 Low-Level Input Voltage VIL IOH = -100 mA IOH = -3 mA IOH = -8 mA IOH = -12 mA IOH = -16 mA IOH = -24 mA IOH = -32 mA Low-Level Output Voltage VIN = VIH IOL = 100 mA IOL = 3 mA IOL = 8 mA IOL = 12 mA IOL = 16 mA IOL = 24 mA IOL = 32 mA Input Leakage Current Power Off-Output Leakage Current Quiescent Supply Current VIN = VCC or GND VOUT = 5.5 V VIN = VCC or GND IIN IOFF ICC VOL 1.65-1.95 2.3 to 5.5 High-Level Output Voltage VIN = VIL VOH 1.65 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 1.65 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 0 to 5.5 0 1.65 to 5.5 0.08 0.20 0.22 0.28 0.38 0.42 VCC - 0.1 1.29 1.9 2.2 2.4 2.3 3.8 VCC 1.52 2.1 2.4 2.7 2.5 4.0 0.1 0.24 0.3 0.4 0.4 0.55 0.55 0.1 1 1 Min 0.75 VCC 0.7 VCC 0.25 VCC 0.3 VCC VCC - 0.1 1.29 1.9 2.2 2.4 2.3 3.8 0.1 0.24 0.3 0.4 0.4 0.55 0.55 1.0 10 10 mA mA mA V TA = 25C Typ Max -40C TA 85C Min 0.75 VCC 0.7 VCC 0.25 VCC 0.3 VCC V V Max Unit V
I I I II IIIIIIII IIIIIIIIIIIII I I I I II I I I I I II IIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIII I IIIIIIII I I II I IIIIIIIIIIIIIII IIIIIIII I I II I IIIIIIIIIIIII IIIIIIIIIIIIIIIIII I I I I II IIII I I I II I IIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIII IIIIIIII I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIII I I II I I I I II I I I I I I I I III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIII IIIIIIIIIIIIII
Parameter Condition Symbol tPLH tPHL VCC (V) TA = 25C Typ 2.3 4.4 3.0 2.2 2.9 -40C TA 85C Min 1.8 1.8 1.2 0.8 1.2 0.5 0.8 Max 11.0 8.4 5.6 3.8 5.0 3.1 4.0 Min 1.8 1.8 1.2 0.8 1.2 0.5 0.8 Max 9.2 7.6 5.1 3.4 4.5 2.8 3.6 Unit ns Propagation Delay (Figure 3 and 4) RL = 1 MW, CL = 15 pF RL = 1 MW, CL = 15 pF RL = 1 MW, CL = 15 pF RL = 1 MW, CL = 15 pF 1.65 1.8 2.5 0.2 3.3 0.3 RL = 500 W, CL = 50 pF RL = 1 MW, CL = 15 pF 5.0 0.5 1..8 2.3 RL = 500 W, CL = 50 pF
AC ELECTRICAL CHARACTERISTICS tR = tF = 2.5 ns; CL = 50 pF; RL = 500 W
CAPACITIVE CHARACTERISTICS
Parameter Symbol CIN CPD Input Capacitance Power Dissipation Capacitance (Note 6)
Condition
Typical 2.5 9 11
Unit pF pF
VCC = 5.5 V, VI = 0 V or VCC 10 MHz, VCC = 3.3 V, VI = 0 V or VCC 10 MHz, VCC = 5.5 V, VI = 0 V or VCC
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC. CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
http://onsemi.com
3
NL27WZ04
A 50%
VCC GND tPLH tPHL
Y
50% VCC
PROPAGATION DELAYS tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
Figure 3. Switching Waveforms
VCC
PULSE GENERATOR RT
DUT CL RL
RT = ZOUT of pulse generator (typically 50 W)
Figure 4. Test Circuit
ORDERING INFORMATION
Device NL27WZ04DFT2 NL27WZ04DFT2G NL27WZ04DTT1 NL27WZ04DTT1G Package SC-88/SC70-6/SOT-363 SC-88/SC70-6/SOT-363 (Pb-Free) 3000 / Tape & Reel TSOP-6 TSOP-6 (Pb-Free) Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
NL27WZ04
PACKAGE DIMENSIONS
SC-88/SC70-6/SOT-363 CASE 419B-02 ISSUE W
D e
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419B-01 OBSOLETE, NEW STANDARD 419B-02. MILLIMETERS MIN NOM MAX 0.80 0.95 1.10 0.00 0.05 0.10 0.20 REF 0.10 0.21 0.30 0.10 0.14 0.25 1.80 2.00 2.20 1.15 1.25 1.35 0.65 BSC 0.10 0.20 0.30 2.00 2.10 2.20 INCHES NOM MAX 0.037 0.043 0.002 0.004 0.008 REF 0.004 0.008 0.012 0.004 0.005 0.010 0.070 0.078 0.086 0.045 0.049 0.053 0.026 BSC 0.004 0.008 0.012 0.078 0.082 0.086 MIN 0.031 0.000
6
5
4
HE
1 2 3
-E-
b 6 PL 0.2 (0.008)
M
E
M
DIM A A1 A3 b C D E e L HE
A3 C A
A1
L
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157
1.9 0.0748
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
NL27WZ04
PACKAGE DIMENSIONS
TSOP-6 CASE 318G-02 ISSUE S
D
6
5 1 2
4 3
HE
E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. MILLIMETERS NOM MAX 1.00 1.10 0.06 0.10 0.38 0.50 0.18 0.26 3.00 3.10 1.50 1.70 0.95 1.05 0.40 0.60 2.75 3.00 10 - INCHES NOM 0.039 0.002 0.014 0.007 0.118 0.059 0.037 0.016 0.108 -
b e q 0.05 (0.002) A1 A L c
DIM A A1 b c D E e L HE q MIN 0.90 0.01 0.25 0.10 2.90 1.30 0.85 0.20 2.50 0
MIN 0.035 0.001 0.010 0.004 0.114 0.051 0.034 0.008 0.099 0
MAX 0.043 0.004 0.020 0.010 0.122 0.067 0.041 0.024 0.118 10
SOLDERING FOOTPRINT*
2.4 0.094
1.9 0.075
0.95 0.037 0.95 0.037
0.7 0.028 1.0 0.039
SCALE 10:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
NL27WZ04/D


▲Up To Search▲   

 
Price & Availability of NL27WZ0407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X